データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20CX データシート(PDF) 92 Page - STMicroelectronics

部品番号 ST20CX
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX データシート(HTML) 92 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 88Page - STMicroelectronics ST20CX Datasheet HTML 89Page - STMicroelectronics ST20CX Datasheet HTML 90Page - STMicroelectronics ST20CX Datasheet HTML 91Page - STMicroelectronics ST20CX Datasheet HTML 92Page - STMicroelectronics ST20CX Datasheet HTML 93Page - STMicroelectronics ST20CX Datasheet HTML 94Page - STMicroelectronics ST20CX Datasheet HTML 95Page - STMicroelectronics ST20CX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 212 page
background image
intdis
®
92/212
intdis
(localised) interrupt disable
Code: 2C F4
Description: Disable interruption by high priority processes until either an
intenb
instruction is executed or the process deschedules. Timeslicing does not occur while
interrupts are disabled. This instruction is only meaningful for low priority processes.
Definition:
Disable high priority interrupts
Error signals: none
Comments:
Secondar y instruction.
See also:
intenb settimeslice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More