データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20CX データシート(PDF) 191 Page - STMicroelectronics

部品番号 ST20CX
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX データシート(HTML) 191 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 187Page - STMicroelectronics ST20CX Datasheet HTML 188Page - STMicroelectronics ST20CX Datasheet HTML 189Page - STMicroelectronics ST20CX Datasheet HTML 190Page - STMicroelectronics ST20CX Datasheet HTML 191Page - STMicroelectronics ST20CX Datasheet HTML 192Page - STMicroelectronics ST20CX Datasheet HTML 193Page - STMicroelectronics ST20CX Datasheet HTML 194Page - STMicroelectronics ST20CX Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 212 page
background image
timeslice
191/212
®
timeslice
timeslice
Code: 60 F3
Description: Cause a timeslice, putting the current process on the back of the
scheduling list and executing the next process. If the scheduling list is empty then this
instruction acts as a no-operation.
Definition:
if (
scheduling list empty)
no effect
else
{
Put current process on back of list
Start next process
}
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: Can cause a timeslice trap to be signalled.
Comments:
Secondary instruction.
This instruction works at high and low priorities.
This instruction is unaffected by disabling timeslice.
Instruction is a descheduling point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More