データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST40RA データシート(PDF) 12 Page - STMicroelectronics

部品番号 ST40RA
部品情報  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA データシート(HTML) 12 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 8Page - STMicroelectronics ST40RA Datasheet HTML 9Page - STMicroelectronics ST40RA Datasheet HTML 10Page - STMicroelectronics ST40RA Datasheet HTML 11Page - STMicroelectronics ST40RA Datasheet HTML 12Page - STMicroelectronics ST40RA Datasheet HTML 13Page - STMicroelectronics ST40RA Datasheet HTML 14Page - STMicroelectronics ST40RA Datasheet HTML 15Page - STMicroelectronics ST40RA Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
ADCS 7260755H
STMicroelectronics
12/94
ST40RA
5 System configuration
The ST40RA power on configuration is controlled by the MODE pins as defined in
Table 34: Mode
selection pins for ST40RA on page 59.
Subsystem configuration registers are usually found with the module register space. Other system
level functions and the software register locations are shown in
Table 11: System configuration
registers on page 23.
5.1
System addresses
The ST40 family system address organization is shown in
Figure 2.
Figure 2: System address organization
EMI
LMI
PCI
Area 7
Reserved
Core
Reserved
EMI control registers
LMI control registers
PCI control registers
Memory address space
Device control register address space
0x0000 0000
0x07F0 0000
0x0800 0000
0x0F00 0000
0x1000 0000
0x1700 0000
0x1800 0000
0x1C00 0000
0x1FFF FFFF
0x1800 0000
0x1C00 0000
0x1F00 0000
0x1FFF FFFF
Reserved
0x1BFF FFFF
System
0x1B00 0000
peripherals
peripherals
Reserved address space
(standard ST40
physical boot
address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94