| データシートサーチシステム |
|
ST40RA データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 94 page ![]() 5 System configuration ST40RA 15/94 STMicroelectronics ADCS 7260755H 5.3 Interrupt mapping For full details on the interrupt controller see ST40 System Architecture Manual Volume 1:System. The mapping of the CPU interrupts is described in Section 5.3.1, Section 5.3.2 and Section 5.3.3. Note: Some INTEVT codes are shown as reserved in Table 3 and therefore cannot be generated by this device. 5.3.1 ST40 core interrupt allocation The allocation of core interrupts is as shown in Table 3. Interrupt source INTEVT code Interrupt priority IPR bit numbers Priority within IPR setting unit Value Initial value NMI 0x1C0 16 - - - IRL level encoding IRL3–IRL0 = F 0x200 15 - - - IRL3–IRL0 = E 0x220 14 - - - IRL3–IRL0 = D 0x240 13 - - - IRL3–IRL0 = C 0x260 12 - - - IRL3–IRL0 = B 0x280 11 - - - IRL3–IRL0 = A0x2A0 10 - - - IRL3–IRL0 = 90x2C0 9 - - - IRL3–IRL0 = 80x2E0 8 - - - IRL3–IRL0 = 7 0x300 7 - - - IRL3–IRL0 = 6 0x320 6 - - - IRL3–IRL0 = 5 0x340 5 - - - IRL3–IRL0 = 4 0x360 4 - - - IRL3–IRL0 = 3 0x380 3 - - - IRL3–IRL0 = 20x3A0 2 - - - IRL3–IRL0 = 10x3C0 1 - - - IRL independent encoding IRL0 0x240 15 to 0 13 IPRD[15:12] - IRL1 0x2A0 15 to 0 10 IPRD[11:8] - IRL2 0x300 15 to 0 7 IPRD[7:4] - IRL3 0x360 15 to 0 4 IPRD[3:0] - H-UDI H-UDI 0x600 15 to 0 0 IPRC[3:0] - TMU0 TUNI0 0x400 15 to 0 0 IPRA[15:12] - TMU1 TUNI1 0x420 0 to 15 0 IPRA[11:8] - TMU2 TUNI2 0x440 0 to 15 0 IPRA[7:4] High TICPI2 0x460 Low Table 3: ST40 core interrupt allocation (page 1 of 2) |