データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSL-510SW データシート(PDF) 8 Page - Unity Opto Technology

部品番号 MSL-510SW
部品情報  關SideLEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UOT [Unity Opto Technology]
ホームページ  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-510SW データシート(HTML) 8 Page - Unity Opto Technology

  MSL-510SW Datasheet HTML 1Page - Unity Opto Technology MSL-510SW Datasheet HTML 2Page - Unity Opto Technology MSL-510SW Datasheet HTML 3Page - Unity Opto Technology MSL-510SW Datasheet HTML 4Page - Unity Opto Technology MSL-510SW Datasheet HTML 5Page - Unity Opto Technology MSL-510SW Datasheet HTML 6Page - Unity Opto Technology MSL-510SW Datasheet HTML 7Page - Unity Opto Technology MSL-510SW Datasheet HTML 8Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Surface Mount Moisture Sensitivity Specifications
1. Controlling Moisture
Unity Opto Technology, in its design of packing materials and packing methods, takes into consideration the susceptibility of
some Unity packages to moisture induced damage. The risk of this damage is caused when the LED lens plastic encapsulation
material is exposed to increases or decreases in the Relative Humidity of the surrounding environment.
Such damage may include delamination between the die and the LED lens plastic encapsulation material, which may result in
open connections due to broken wire bonds. Moisture in the package having reached a critical level will fracture the package
in order to escape when exposed to peak temperature conditions, typical in soldering practices.
Therefore, the control of moisture levels in the LED package is critical to reduce the risk of moisture-induced failures. Please
follow JEDEC-STD-033A standards for handling moisture sensitive devices.
2. Packaging SMD devices:
Unity packages all SMD devices into dry pack bags (moisture barrier bags).
Unity includes a desiccant pouch in each bag. Testing confirms that the desiccant pouch greatly reduces the presence of
moisture by maintaining the environment in the bag, thus protecting the devices during shipment and storage.
3. Handling Dry Packed Parts
Upon receipt, the bags should be inspected for damage to ensure that the bag’s integrity has been maintained. Inspection
should verify that there are no holes, gouges, tears, or punctures of any kind that may expose the contents of the bag.
To open the bag, simply cut across the top of the bag as close to the original seal as possible being careful not to damage the
contents. Once open the desired quantity of units should be removed and the bag resealed. If the bag is left open longer than
2 hours, the desiccant pouch should be replaced with a dry desiccant and the bag should be sealed immediately to avoid
moisture damage.
8



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com