データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6369 データシート(PDF) 62 Page - STMicroelectronics

部品番号 ST6369
部品情報  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 データシート(HTML) 62 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 58Page - STMicroelectronics ST6369 Datasheet HTML 59Page - STMicroelectronics ST6369 Datasheet HTML 60Page - STMicroelectronics ST6369 Datasheet HTML 61Page - STMicroelectronics ST6369 Datasheet HTML 62Page - STMicroelectronics ST6369 Datasheet HTML 63Page - STMicroelectronics ST6369 Datasheet HTML 64Page - STMicroelectronics ST6369 Datasheet HTML 65Page - STMicroelectronics ST6369 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
PIN DESCRIPTION
VDD and VSS. Power is supplied to the MCU using
these two pins. VDD is power and VSS is the ground
connection.
OSCIN, OSCOUT. These pins are internally con-
nected to the on-chip oscillator circuit. A quartz
crystal or a ceramic resonator can be connected
between these two pins in order to allow the cor-
rect operation of the MCU with various stabil-
ity/cost trade-offs. The OSCIN pin is the input pin,
the OSCOUT pin is the output pin.
RESET. The active low RESET pin is used to start
the microcontroller to the beginning of its program.
Additionally the quartz crystal oscillator will be dis-
abled when the RESET pin is low to reduce power
consumption during reset phase.
TEST/VPP. The TEST pin must be held at VSS for
normal operation.
If this pin is connected to a +12.5V level during the
reset phase, The EPROM programming mode is
entered.
CAUTION: Exceeding 13V on TEST/VPP pin will
permanently damaged the device
PA0-PA7. These 8 lines are organized as one I/O
port (A). Each line may be configured as either an
input with or without pull-up resistor or as an output
under software control of the data direction regis-
ter. Pins PA4 to PA7 are configured as open-drain
outputs (12V drive). On PA4-PA7 pins the input
pull-up option is not available while PA6 and PA7
have additional current driving capability (25mA,
VOL:1V). PA0 to PA3 pins are configured as push-
pull.
PB1-PB2, PB4-PB6. These 5 lines are organized
as one I/O port (B). Each line may be configured as
either an input with or without internal pull-up resis-
tor or as an output under software control of the
data direction register.
PC0-PC7. These 8 lines are organized as one I/O
port (C). Each line may be configured as either an
input with or without internal pull-up resistor or as
an output under software control of the data direc-
tion register. Pins PC0 to PC3 are configured as
open-drain (5V drive) in output mode while PC4 to
PC7 are open-drain with 12V drive and the input
pull-up options does not exist on these four pins.
PC0, PC1 and PC3 lines when in output mode are
“ANDed” with the SPI control signals and are all
open-drain. PC0 is connected to the SPI clock sig-
nal (SCL), PC1 with the SPI data signal (SDA)
while PC3 is connected with SPI enable signal
(SEN, used in S-BUS protocol). Pin PC4 and PC6
can also be inputs to software programmable edge
sensitive latches which can generate interrupts;
PC4 can be connected to Power Interrupt while
PC6 can be connected to the HSYNC/NMI inter-
rupt line.
DA0-DA5. These pins are the six PWM D/A out-
puts of the 6-bit on-chip D/A converters. These
lines have open-drain outputs with 12V drive. The
output repetition rate is 31.25KHz (with 8MHz
clock).
AD. This is the input of the on-chip 10 levels com-
parator that can be used to implement the Analog
Keyboard function. This pin is an high impedance
input able to withstand signals with a peak ampli-
tude up to 12V.
VSYNC. This is the Vertical Synchronization pin.
This pin is connected to an internal timer interrupt.
O0, O1. These two lines are output open-drain pins
with 12V drive.
HDA. This is the output pin of the on-chip 14-bit
PWM D/A Converter. This line is a push-pull output
with standard drive.
®
ST63E69,ST63T69
58/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71