データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6369 データシート(PDF) 2 Page - STMicroelectronics

部品番号 ST6369
部品情報  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 データシート(HTML) 2 Page - STMicroelectronics

  ST6369 Datasheet HTML 1Page - STMicroelectronics ST6369 Datasheet HTML 2Page - STMicroelectronics ST6369 Datasheet HTML 3Page - STMicroelectronics ST6369 Datasheet HTML 4Page - STMicroelectronics ST6369 Datasheet HTML 5Page - STMicroelectronics ST6369 Datasheet HTML 6Page - STMicroelectronics ST6369 Datasheet HTML 7Page - STMicroelectronics ST6369 Datasheet HTML 8Page - STMicroelectronics ST6369 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
USE IN LIFE SUPPORT DEVICES OR SYSTEMS MUST BE EXPRESSLY AUTHORIZED.
SGS-THOMSON PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYS-
TEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF SGS-THOMSON Microelectronics.
As used herein :
1. Life support devices or systems are those which (a) are
intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when prop-
erly used in accordance with instructions for use pro-
vided with the product, can be reasonably expected to
result in significant injury to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can reason-
ably be expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71