| データシートサーチシステム |
|
ST6369 データシート(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6369 データシート(HTML) 70 Page - STMicroelectronics |
|
70 / 71 page ![]() ST63E69, T69 MICROCONTROLLER OPTION LIST Customer: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... .. . . . . Address: . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . . . . . ... . . . . . Contact: . . . . . . ..... . . . . .. . . ... . . . . . . . . . . . . . . . . . . . . . . Phone No: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . . Device [ ] (d) Package [ ] (p) Temperature Range [ ] (t) For marking one line with 16 characters maximum is possible Special Marking [ ] (y/n) Line1 “ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ ” (N) (For Plastic Package only) Notes: (d) 1= ST63E69, 2 = ST63T69 (p) B= Plastic Dual in Line, D= Ceramic Dual in line with Window (t) 1= 0 to 70 °C (N) Letters, digits, ’ . ’, ’ - ’, ’ / ’ and spaces only Marking: the default marking is equivalent to the sales type only (part number). CHECK LIST: YES NO EEPROM Code (if Desired) [ ] [ ] Signature ................................... Date ........................................... ® ST63E69,ST63T69 66/67 |