データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QST608AB1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 QST608AB1
部品情報  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST608AB1 データシート(HTML) 1 Page - STMicroelectronics

  QST608AB1 Datasheet HTML 1Page - STMicroelectronics QST608AB1 Datasheet HTML 2Page - STMicroelectronics QST608AB1 Datasheet HTML 3Page - STMicroelectronics QST608AB1 Datasheet HTML 4Page - STMicroelectronics QST608AB1 Datasheet HTML 5Page - STMicroelectronics QST608AB1 Datasheet HTML 6Page - STMicroelectronics QST608AB1 Datasheet HTML 7Page - STMicroelectronics QST608AB1 Datasheet HTML 8Page - STMicroelectronics QST608AB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Not For New Design
This is information on a product still in production but not recommended for new designs.
July 2008
Rev 5
1/51
1
QST108
Capacitive touch sensor device
8 keys with individual key state outputs or I2C interface
Features
■ Patented charge-transfer design
■ Up to 8 independent QTouch™ keys supported
■ Individual key state outputs or I2C interface
■ Fully “debounced” results
■ Patented AKS™ Adjacent Key Suppression
■ Self-calibration and auto drift compensation
■ Spread-spectrum bursts to reduce EMI
■ Up to 5 general-purpose outputs
■ ECOPACK® (RoHS compliant) package
Applications
This device specifically targets human interfaces
and front panels for a wide range of applications
such as PC peripherals, home entertainment
systems, gaming devices, lighting and appliance
controls, remote controls, etc.
QST devices are designed to replace mechanical
switching/control devices and the reduced
number of moving parts in the end product
provides the following advantages:
■ Lower customer service costs
■ Reduced manufacturing costs
■ Increased product lifetime
Description
The QST108 is the ideal solution for the design of
capacitive touch sensing user interfaces.
Touch-sensitive controls are increasingly
replacing electromechanical switches in home
appliances, consumer and mobile electronics,
and in computers and peripherals. Capacitive
touch controls allow designers to create stylish,
functional, and economical designs which are
highly valued by consumers, often at lower cost
than the electromechanical solutions they
replace.
The QST108 QTouch™ sensor IC is a pure digital
solution based on Quantum's patented charge-
transfer (QProx™) capacitive technology.
QTouch™ and QProx™ are trademarks of the
Quantum Research Group.
LQFP32 (7x7 mm)
Table 1.
Device summary
Feature
Order codes
QST108KT6
Operating supply voltage
2.4 to 5.5 V
Supported interfaces
Individual key state outputs or I2C Interface
Operating temperature
-40° to +85° C
Package
LQFP32 (7x7 mm)
www.st.com


同様の部品番号 - QST608AB1

メーカー部品番号データシート部品情報
logo
Rohm
QST6 ROHM-QST6 Datasheet
76Kb / 2P
Low frequency amplifier
QST6 ROHM-QST6 Datasheet
61Kb / 3P
Low frequency amplifier
logo
Campbell Scientific Uni...
QST6 CAMPBELL-QST6 Datasheet
364Kb / 2P
6 ft Quick-Setup Tripod for Temporary Installations
02/21/2024
logo
Rohm
QST6TR ROHM-QST6TR Datasheet
61Kb / 3P
Low frequency amplifier
QST6 ROHM-QST6_05 Datasheet
71Kb / 3P
Low frequency amplifier
More results

同様の説明 - QST608AB1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
QST108 STMICROELECTRONICS-QST108 Datasheet
633Kb / 38P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
26-Sep-2007
QST104 STMICROELECTRONICS-QST104 Datasheet
454Kb / 45P
Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
05-Feb-2008
STMPE821 STMICROELECTRONICS-STMPE821_09 Datasheet
661Kb / 55P
8-channel capacitive touch key controller
06-Apr-2009
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
Avia Semiconductor Co.,...
HX612 AVIA-HX612 Datasheet
55Kb / 1P
Capacitive Touch Key Controller (over 25 keys)
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
Capacitive Touch M-KEY Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com