データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QST608AB1 データシート(PDF) 27 Page - STMicroelectronics

部品番号 QST608AB1
部品情報  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST608AB1 データシート(HTML) 27 Page - STMicroelectronics

Back Button QST608AB1 Datasheet HTML 23Page - STMicroelectronics QST608AB1 Datasheet HTML 24Page - STMicroelectronics QST608AB1 Datasheet HTML 25Page - STMicroelectronics QST608AB1 Datasheet HTML 26Page - STMicroelectronics QST608AB1 Datasheet HTML 27Page - STMicroelectronics QST608AB1 Datasheet HTML 28Page - STMicroelectronics QST608AB1 Datasheet HTML 29Page - STMicroelectronics QST608AB1 Datasheet HTML 30Page - STMicroelectronics QST608AB1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
QST108
Design guidelines
27/51
5
Design guidelines
5.1
CS sense capacitor
The CS sense capacitors accumulate the charge from the key electrodes and determine
sensitivity. Higher values of CS make the corresponding sensing channel more sensitive.
The values of CS can differ for each channel, permitting differences in sensitivity from key to
key or to balance unequal sensitivities. Unequal sensitivities can occur due to key size and
placement differences and stray wiring capacitances. More stray capacitance on a sense
trace will desensitize the corresponding key. Increasing the CS for that key will compensate
for the loss of sensitivity.
The CS capacitors can be virtually any plastic film or low- to medium-K ceramic capacitor.
The normal CS range is 1nF to 50nF depending on the sensitivity required: larger values of
CS require better quality to ensure reliable sensing. In certain circumstances the normal CS
range may be exceeded. Acceptable capacitor types for most uses include PPS film,
polypropylene film, and NP0 and X5R / X7R ceramics. Lower grades than X5R or X7R are
not recommended.
5.2
Sensitivity tuning
Sensitivity can be altered to suit various applications and situations on a channel-by-
channel basis. The easiest and most direct way to impact sensitivity is to alter the value of
each CS: more CS yields higher sensitivity. Each channel has its own CS value and can
therefore be independently adjusted.
5.2.1
Increasing sensitivity
Sensitivity can also be increased by using larger electrode areas, reducing panel thickness,
or using a panel material with a higher dielectric constant.
5.2.2
Decreasing sensitivity
In some cases the circuit may be too sensitive. Gain can be lowered further by a number of
strategies:
●
making the electrode smaller
●
making the electrode into a sparse mesh using a high space-to-conductor ratio
●
decreasing the CS capacitors
5.2.3
Key balance
A number of factors can cause sensitivity imbalances. Notably, SNS wiring to electrodes can
have differing stray amounts of capacitance to ground. Increasing load capacitance will
cause a decrease in gain. Key size differences, and proximity to other metal surfaces can
also impact gain.
The keys may thus require “balancing” to achieve similar sensitivity levels. This can be best
accomplished by trimming the values of the CS capacitors to achieve equilibrium. The RS
resistors have no effect on sensitivity and should not be altered. Load capacitances to
ground can also be added to overly sensitive channels to reduce their gain.
These should be in the order of a few picofarads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com