データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QST608AB1 データシート(PDF) 31 Page - STMicroelectronics

部品番号 QST608AB1
部品情報  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST608AB1 データシート(HTML) 31 Page - STMicroelectronics

Back Button QST608AB1 Datasheet HTML 27Page - STMicroelectronics QST608AB1 Datasheet HTML 28Page - STMicroelectronics QST608AB1 Datasheet HTML 29Page - STMicroelectronics QST608AB1 Datasheet HTML 30Page - STMicroelectronics QST608AB1 Datasheet HTML 31Page - STMicroelectronics QST608AB1 Datasheet HTML 32Page - STMicroelectronics QST608AB1 Datasheet HTML 33Page - STMicroelectronics QST608AB1 Datasheet HTML 34Page - STMicroelectronics QST608AB1 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
QST108
Electrical characteristics
31/51
6.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 20.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
−65 to +150
°C
TJ
Maximum junction temperature
Table 21.
Voltage characteristics
Symbol
Ratings
Maximum value
Unit
VDD − VSS
Supply voltage
7.0
V
VIN
Input voltage on any pin (1)(2)
1.
Directly connecting the RESET and I/O pins to VDD or VSS could damage the device if an unintentional
internal reset is generated or an unexpected change of the I/O configuration occurs. To guarantee safe
operation, this connection has to be done through a pull-up or pull-down resistor (typical: 4.7k
Ω for RESET,
10k
Ω for I/Os).
2.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. For true open-drain pads,
there is no positive injection current, and the corresponding VIN maximum must always be respected.
VSS−0.3 to VDD+0.3
Table 22.
Current characteristics
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines (source)
(1)
1.
All power (VDD) and ground (VSS) lines must always be connected to the external supply.
75
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
150
IIO
Output current sunk by RESET pin
20
Output current sunk by output pin
40
Output current source by output pin
− 25
IINJ(PIN)
(2)(3)
2.
IINJ(PIN) must never be exceeded. This is implicitly ensured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. For true open-drain pads,
there is no positive injection current, and the corresponding VIN maximum must always be respected.
3.
When several inputs are submitted to a current injection, the maximum
ΣI
INJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterisation with
ΣI
INJ(PIN) maximum current injection on four KOUT pins of the device.
Injected current on RESET pin
± 5
Injected current output pin
± 5
ΣI
INJ(PIN)
(2)
Total injected current (sum of all I/O and control
pins)
± 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com