データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QST608AB1 データシート(PDF) 48 Page - STMicroelectronics

部品番号 QST608AB1
部品情報  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST608AB1 データシート(HTML) 48 Page - STMicroelectronics

Back Button QST608AB1 Datasheet HTML 43Page - STMicroelectronics QST608AB1 Datasheet HTML 44Page - STMicroelectronics QST608AB1 Datasheet HTML 45Page - STMicroelectronics QST608AB1 Datasheet HTML 46Page - STMicroelectronics QST608AB1 Datasheet HTML 47Page - STMicroelectronics QST608AB1 Datasheet HTML 48Page - STMicroelectronics QST608AB1 Datasheet HTML 49Page - STMicroelectronics QST608AB1 Datasheet HTML 50Page - STMicroelectronics QST608AB1 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
Device revision information
QST108
48/51
9.2.2
Revision 2.3
●
When the device enters Low Power mode, an additional sleep time is inserted after
each burst, instead of once after every complete burst cycle. As a result, if only one
burst is required, the sleep duration during Low Power mode is doubled. And if two
bursts are required, the sleep duration is tripled.
In Standalone mode, the 100ms sleep duration low power becomes either a 200ms or
300ms sleep duration depending on the number of bursts required.
In I2C mode, it is required to program a sleep duration for one half or a third of the
desired sleep duration depending on the number of bursts required.
●
GET_PROTOCOL_VERSION returns 0x01 as I2CSpeed byte when it should return
0x00 (maximum speed is 100 kHz).
●
If a command is sent with an incorrect parity bit, the device reports an unsupported
command instead of a parity error.
●
In I2C mode, it is recommended to set the fast positive recalibration threshold to 5
using the SET_SCKEY_PARAMETERS command in order to ensure a reliable
behavior on low sensitivity keys.
●
AKS should be always enabled in BCD mode. The AKS pull-up option resistor should
be connected to pin KOUT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com