| データシートサーチシステム |
|
HD151TS206SS データシート(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD151TS206SS データシート(HTML) 7 Page - Renesas Technology Corp |
|
7 / 34 page ![]() HD151TS206SS Rev.1.00, Apr.28.2003, page 7 of 34 I 2C Controlled Register Bit Map Byte0 Control Register Bit Description Contents Type Default Note 7 Reserved R 0 6 Reserved R 0 5 Reserved R 0 4 Reserved R 0 3 Reserved R 1 2 Reserved R 1 1 Reserved R X 0 Reserved R X Byte1 Control Register Bit Description Contents Type Default Note 7 Reserved RW 0 6 SRC Output enable 0 = Disabled (tristate) 1 = Enabled RW 1 5 Reserved RW 1 4 Reserved RW 1 3 Reserved RW 1 2 CPU2 Output enable 0 = Disabled (tristate) 1 = Enabled RW 1 1 CPU1 Output enable 0 = Disabled (tristate) 1 = Enabled RW 1 0 CPU0 Output enable 0 = Disabled (tristate) 1 = Enabled RW 1 Byte2 Control Register Bit Description Contents Type Default Note 7 SRC_Pwrdwn drive mode 0 = Driven in power down, 1 = Tristate RW 0 6 Reserved RW 0 See Table 2 5 CPU2_Pwrdwn drive mode 0 = Driven in power down, 1 = Tristate RW 0 4 CPU1_Pwrdwn drive mode 0 = Driven in power down, 1 = Tristate RW 0 3 CPU0_Pwrdwn drive mode 0 = Driven in power down, 1 = Tristate RW 0 2 Reserved RW 0 1 Reserved RW 0 0 Reserved RW 0 See Table 1 |