データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD404339FS データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 HD404339FS
部品情報  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339FS データシート(HTML) 5 Page - Renesas Technology Corp

  HD404339FS Datasheet HTML 1Page - Renesas Technology Corp HD404339FS Datasheet HTML 2Page - Renesas Technology Corp HD404339FS Datasheet HTML 3Page - Renesas Technology Corp HD404339FS Datasheet HTML 4Page - Renesas Technology Corp HD404339FS Datasheet HTML 5Page - Renesas Technology Corp HD404339FS Datasheet HTML 6Page - Renesas Technology Corp HD404339FS Datasheet HTML 7Page - Renesas Technology Corp HD404339FS Datasheet HTML 8Page - Renesas Technology Corp HD404339FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
HD404339 Series
3
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
FP-64B
R72
R00/SCK
R01/SI
R02/SO
R03/TOC
TEST
RESET
OSC1
OSC2
GND
X1
X2
AVSS
R30/AN0
R31/AN1
R32/AN2
R33/AN3
R40/AN4
R41/AN5
R11
R10
R93
R92
R91
R90
R83
R82
R81
R80
D13
D12
D11
D10
D9
D8
D7
D6
D5
R60
R61
R62
R63
R70
R71
R72
R00/SCK
R01/SI
R02/SO
R03/TOC
TEST
RESET
OSC1
OSC2
GND
X1
X2
AVSS
R30/AN0
R31/AN1
R32/AN2
R33/AN3
R40/AN4
R41/AN5
R42/AN6
R43/AN7
R50/AN8
R51/AN9
R52/AN10
R53/AN11
AVCC
R83
R82
R81
R80
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4/STOPC
D3/BUZZ
D2/EVNB
D1/INT1
D0/INT0
VCC
RA1/Vdisp
R23
R22
R21
R20
R13
R12
R11
R10
R93
R92
R91
R90
DP-64S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64
63
62
61
60
59
58
57
56
55
54
53
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80