| データシートサーチシステム |
|
HD404339FS データシート(PDF) 78 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404339FS データシート(HTML) 78 Page - Renesas Technology Corp |
|
78 / 80 page ![]() HD404339 Series 76 Notes on ROM Out Please pay attention to the following items regarding ROM out. On ROM out, fill the ROM area indicated below with 1s to create the same data size for the HD404334 and HD404336 as an 8-kword version (HD404338), and to create the same data size for the HD4043312 as a 16-kword version (HD404339). The 8-kword and 16-kword data sizes are required to change ROM data to mask manufacturing data since the program used is for an 8-k or 16-kword version. This limitation applies when using an EPROM or a data base. Vector address Zero-page subroutine (64 words) Pattern & program (4,096 words) Not used Vector address Zero-page subroutine (64 words) Pattern & program (6,144 words) Not used ROM 4-kword version: HD404334 Address $1000–$1FFF ROM 6-kword version: HD404336 Address $1800–$1FFF $0000 $000F $0010 $003F $0040 $0FFF $1000 $1FFF $0000 $000F $0010 $003F $0040 $17FF $1800 $1FFF Fill this area with 1s Vector address Zero-page subroutine (64 words) Pattern & program (12,288 words) Not used ROM 12-kword version: HD4043312 Address $3000–$3FFF $0000 $000F $0010 $003F $0040 $2FFF $3000 $3FFF |