| データシートサーチシステム |
|
HD404339FS データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404339FS データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 80 page ![]() HD404339 Series 19 Operating Modes The MCU has five operating modes as shown in table 3. Transitions between operating modes are shown in figure 11. Table 3 Operations in Each Operating Mode Function Active Mode Subactive Mode Standby Mode Watch Mode Stop Mode System oscillator OP Stopped OP Stopped Stopped Subsystem oscillator OP OP OP OP * OP CPU OP OP Retained Retained Reset RAM OP OP Retained Retained Retained Timer A OP OP OP OP Reset Timers B, C OP OP OP Stopped Reset Serial OP OP OP Stopped Reset A/D OP Stopped OP Stopped Reset I/O OP OP Retained Retained Reset Notes: OP implies in operation. * Oscillation can be switched on or off with bit 3 of system clock selection register 1 (SSR1: $027). |