| データシートサーチシステム |
|
H8S2245 データシート(PDF) 365 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 365 Page - Renesas Technology Corp |
|
365 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 323 of 772 REJ09B0355-0300 Examples of waveform output operation: Figure 9.10 shows an example of 0 output/1 output. In this example TCNT has been designated as a free-running counter, and settings have been made so that 1 is output by compare match A, and 0 is output by compare match B. When the set level and the pin level coincide, the pin level does not change. TCNT value H'FFFF H'0000 TIOCA TIOCB Time TGRA TGRB No change No change No change No change 1 output 0 output Figure 9.10 Example of 0 Output/1 Output Operation Figure 9.11 shows an example of toggle output. In this example TCNT has been designated as a periodic counter (with counter clearing performed by compare match B), and settings have been made so that output is toggled by both compare match A and compare match B. TCNT value H'FFFF H'0000 TIOCB TIOCA Time TGRB TGRA Toggle output Toggle output Counter cleared by TGRB compare match Figure 9.11 Example of Toggle Output Operation |