| データシートサーチシステム |
|
H8S2245 データシート(PDF) 369 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 369 Page - Renesas Technology Corp |
|
369 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 327 of 772 REJ09B0355-0300 Example of Synchronous Operation Figure 9.15 shows an example of synchronous operation. In this example, synchronous operation and PWM mode 1 have been designated for channels 0 to 2, TGR0B compare match has been set as the channel 0 counter clearing source, and synchronous clearing has been set for the channel 1 and 2 counter clearing source. Three-phase PWM waveforms are output from pins TIOC0A, TIOC1A, and TIOC2A. At this time, synchronous presetting, and synchronous clearing by TGR0B compare match, is performed for channel 0 to 2 TCNT counters, and the data set in TGR0B is used as the PWM cycle. For details of PWM modes, see section 9.4.5, PWM Modes. TCNT0 to TCNT2 values H'0000 TIOC0A TIOC1A Time TGR0B Synchronous clearing by TGR0B compare match TGR2A TGR1A TGR2B TGR0A TGR1B TIOC2A Figure 9.15 Example of Synchronous Operation |