| データシートサーチシステム |
|
H8S2245 データシート(PDF) 175 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 175 Page - Renesas Technology Corp |
|
175 / 818 page ![]() Section 6 Bus Controller Rev.3.00 Mar. 26, 2007 Page 133 of 772 REJ09B0355-0300 6.1.3 Pin Configuration Table 6.1 summarizes the pins of the bus controller. Table 6.1 Bus Controller Pins Name Symbol I/O Function Address strobe AS Output Strobe signal indicating that address output on address bus is enabled. Read RD Output Strobe signal indicating that external space is being read. High write HWR Output Strobe signal indicating that external space is to be written, and upper half (D 15 to D8) of data bus is enabled. Low write LWR Output Strobe signal indicating that external space is to be written, and lower half (D 7 to D0) of data bus is enabled. Chip select 0 CS0 Output Strobe signal indicating that area 0 is selected. Chip select 1 CS1 Output Strobe signal indicating that area 1 is selected. Chip select 2 CS2 Output Strobe signal indicating that area 2 is selected. Chip select 3 CS3 Output Strobe signal indicating that area 3 is selected. Wait WAIT Input Wait request signal when accessing external 3-state access space. Bus request BREQ Input Request signal that releases bus to external device. Bus request acknowledge BACK Output Acknowledge signal indicating that bus has been released. Bus request output BREQO Output External bus request signal used when internal bus master accesses external space when external bus is released. |