| データシートサーチシステム |
|
H8S2245 データシート(PDF) 235 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 235 Page - Renesas Technology Corp |
|
235 / 818 page ![]() Section 7 Data Transfer Controller Rev.3.00 Mar. 26, 2007 Page 193 of 772 REJ09B0355-0300 Interrupt Source Origin of Interrupt Source Vector Number Vector Address DTCE* Priority CMIA0 64 H'0480 DTCED3 High CMIB0 8-bit timer channel 0 65 H'0482 DTCED2 CMIA1 68 H'0488 DTCED1 CMIB1 8-bit timer channel 1 69 H'048A DTCED0 RXI0 (reception complete 0) 81 H'04A2 DTCEE3 TXI0 (transmit data empty 0) SCI channel 0 82 H'04A4 DTCEE2 RXI1 (reception complete 1) 85 H'04AA DTCEE1 TXI1 (transmit data empty 1) SCI channel 1 86 H'04AC DTCEE0 RXI2 (reception complete 2) 89 H'04B2 DTCEF7 TXI2 (transmit data empty 2) SCI channel 2 90 H'04B4 DTCEF6 Low Note: * DTCE bits with no corresponding interrupt are reserved, and should be written with 0. Register information start address Register information Next transfer DTC vector address Figure 7.4 Correspondence between DTC Vector Address and Register Information |