| データシートサーチシステム |
|
H8S2245 データシート(PDF) 237 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 237 Page - Renesas Technology Corp |
|
237 / 818 page ![]() Section 7 Data Transfer Controller Rev.3.00 Mar. 26, 2007 Page 195 of 772 REJ09B0355-0300 7.3.5 Normal Mode In normal mode, one operation transfers one byte or one word of data. From 1 to 65,536 transfers can be specified. Once the specified number of transfers have ended, a CPU interrupt can be requested. Table 7.5 lists the register information in normal mode and figure 7.6 shows memory mapping in normal mode. Table 7.5 Register Information in Normal Mode Name Abbreviation Function DTC source address register SAR Designates source address DTC destination address register DAR Designates destination address DTC transfer count register A CRA Designates transfer count DTC transfer count register B CRB Not used Transfer SAR DAR Figure 7.6 Memory Mapping in Normal Mode |