| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 832 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 832 Page - Renesas Technology Corp |
|
832 / 1075 page ![]() Section 25 Electrical Characteristics Rev. 3.00 Jan 18, 2006 page 804 of 1044 REJ09B0280-0300 25.5 D/A Conversion Characteristics Table 25.14 lists the D/A conversion characteristics. Table 25.14 D/A Conversion Characteristics Condition: V CC = 2.7 V to 3.6 V, AVCC = 2.7 V to 3.6 V, AVref = 2.7 V to AVCC, V CCB = 2.7 V to 5.5 V, VSS = AVSS = 0 V, φ = 2 MHz to maximum operating frequency, T a = –20 to +75°C Condition 10 MHz Item Min Typ Max Unit Resolution 8 88Bits Conversion time With 20 pF load capacitance —— 10 µs Absolute accuracy With 2 M Ω load resistance — ±2.0 ±3.0 LSB With 4 M Ω load resistance —— ±2.0 |