| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 835 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 835 Page - Renesas Technology Corp |
|
835 / 1075 page ![]() Section 25 Electrical Characteristics Rev. 3.00 Jan 18, 2006 page 807 of 1044 REJ09B0280-0300 25.7 Usage Note The method of connecting an external capacitor is shown in figure 25.29. Connect the system power supply to the VCL pin together with the VCC pins. VCL VSS H8S/2169, H8S/2149 0.01 µF 10 µF Bypass capacitor Vcc power supply < Vcc = 2.7 V to 3.6 V > Connect the Vcc power supply to the chip's VCL pin in the same way as the VCC pins. It is recommended that a bypass capacitor be connected to the power supply pins. (Values are reference values.) Figure 25.29 Connection of VCL Capacitor |