| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 842 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 842 Page - Renesas Technology Corp |
|
842 / 1075 page ![]() Appendix A Instruction Set Rev. 3.00 Jan 18, 2006 page 814 of 1044 REJ09B0280-0300 Mnemonic Addressing Mode and Instruction Length (Bytes) IH N Z V C DAS MULXU MULXS DIVXU DIVXS CMP NEG EXTU EXTS TAS DAS Rd MULXU.B Rs,Rd MULXU.W Rs,ERd MULXS.B Rs,Rd MULXS.W Rs,ERd DIVXU.B Rs,Rd DIVXU.W Rs,ERd DIVXS.B Rs,Rd DIVXS.W Rs,ERd CMP.B #xx:8,Rd CMP.B Rs,Rd CMP.W #xx:16,Rd CMP.W Rs,Rd CMP.L #xx:32,ERd CMP.L ERs,ERd NEG.B Rd NEG.W Rd NEG.L ERd EXTU.W Rd EXTU.L ERd EXTS.W Rd EXTS.L ERd TAS @ERd*2 Rd8 decimal adjust →Rd8 Rd8 ×Rs8→Rd16 (unsigned multiplication) Rd16 ×Rs16→ERd32 (unsigned multiplication) Rd8 ×Rs8→Rd16 (signed multiplication) Rd16 ×Rs16→ERd32 (signed multiplication) Rd16÷Rs8 →Rd16 (RdH: remainder, RdL: quotient) (unsigned division) ERd32÷Rs16 →ERd32 (Ed: remainder, Rd: quotient) (unsigned division) Rd16÷Rs8 →Rd16 (RdH: remainder, RdL: quotient) (signed division) ERd32÷Rs16 →ERd32 (Ed: remainder, Rd: quotient) (signed division) Rd8-#xx:8 Rd8-Rs8 Rd16-#xx:16 Rd16-Rs16 ERd32-#xx:32 ERd32-ERs32 0-Rd8 →Rd8 0-Rd16 →Rd16 0-ERd32 →ERd32 0 → (<bits 5 to 8> of Rd16) 0 → (<bits 31 to 16> of ERd32) (<bit 7> of Rd16) → (<bits 15 to 8> of Rd16) (<bit 15> of ERd32) → (<bits 31 to 16> of ERd32) ERd-0 → CCR set, (1) → (<bit 7> of @ERd) B B W B W B W B W B B W W L L B W L W L W L B 2 2 2 4 4 2 2 4 4 2 2 2 2 2 2 2 2 2 2 1 12 20 13 21 12 20 13 21 1 1 2 1 3 1 1 1 1 1 1 1 1 4 — — Operation Condition Code No. of States*1 * * 4 2 4 6 —— ——— — —— ——— — — —— — — —— — [7] — —— [6] — [7] — —— [6] — [7] — —— [8] — [7] — —— [8] — — — — [3] — [3] — [4] — [4] — — — — —— 00 — —— 00 — —— 0 — —— 0 — —— 0 |