| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 935 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 935 Page - Renesas Technology Corp |
|
935 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 907 of 1044 REJ09B0280-0300 HICR2—Host Interface Control Register 2 H'FE42 HIF (LPC) 7 GA20 0 R — 6 LRST 0 R/(W)* — 5 SDWN 0 R/(W)* — 4 ABRT 0 R/(W)* — 3 IBFIE3 0 R/W — 0 ERRIE 0 R/W — 2 IBFIE2 0 R/W — 1 IBFIE1 0 R/W — Bit Initial value Slave Read/Write Host Read/Write Input data register full interrupt enable 3 to 1/error interrupt enable IBFIE3 IBFIE2 IBFIE1 ERRI Description ——— 0 Error interrupt requests disabled ——— 1 Error interrupt requests enabled —— 0 — Input data register IDR1 receive-complete interrupt request disabled —— 1 — Input data register IDR1 receive-complete interrupt request enabled — 0 —— Input data register IDR2 receive-complete interrupt request disabled — 1 —— Input data register IDR2 receive-complete interrupt request enabled 0 ——— Input data register IDR3 and TWR receive-complete interrupt requests disabled 1 ——— Input data register IDR3 and TWR receive-complete interrupt requests enabled LPC above interrupt flag 0 [Clearing conditions] • Writing 0 after reading ABRT = 1 • LPC hardware reset ( LRESET pin falling edge detection) • LPC software reset (LRSTB = 1) • LPC hardware shutdown (SDWNE = 1 and LPCPD falling edge detection) • LPC software shutdown (SDWNB = 1) 1 [Setting condition] • LFRAME pin falling edge detection during LPC transfer cycle LPC shutdown interrupt flag Note: * Only 0 can be written to bits 6 to 4, to clear the flags. 0 [Clearing conditions] • Writing 0 after reading SDWN = 1 • LPC hardware reset ( LRESET pin falling edge detection) • LPC software reset (LRSTB = 1) 1 [Setting condition] • LPCPD pin falling edge detection LPC reset interrupt flag 0 [Clearing condition] • Writing 0 after reading LRST = 1 1 [Setting condition] • LRESET pin falling edge detection GA20 pin monitor 0 GA20 pin goes to low level 1 GA20 pin goes to high level |