| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 938 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 938 Page - Renesas Technology Corp |
|
938 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 910 of 1044 REJ09B0280-0300 IDR3—Input Data Register 3 H'FE84 HIF (XBS) IDR4—Input Data Register 4 H'FE8C HIF (XBS) 7 IDR7 — R W 6 IDR6 — R W 5 IDR5 — R W 4 IDR4 — R W 3 IDR3 — R W 0 IDR0 — R W 2 IDR2 — R W 1 IDR1 — R W Bit Initial value Slave R/W Host R/W Stores host data bus contents at rise of IOW when CS is low ODR3—Output Data Register 3 H'FE85 HIF (XBS) ODR4—Output Data Register 4 H'FE8D HIF (XBS) 7 ODR7 — R/W R 6 ODR6 — R/W R 5 ODR5 — R/W R 4 ODR4 — R/W R 3 ODR3 — R/W R 0 ODR0 — R/W R 2 ODR2 — R/W R 1 ODR1 — R/W R Bit Initial value Slave R/W Host R/W ODR contents are output to the host data bus when HA0 is low, CS is low, and IOR is low |