| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 944 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 944 Page - Renesas Technology Corp |
|
944 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 916 of 1044 REJ09B0280-0300 DDCSWR—DDC Switch Register H'FEE6 IIC0 7 SWE 0 R/W 6 SW 0 R/W 5 IE 0 R/W 4 IF 0 R/(W)*1 3 CLR3 1 W*2 0 CLR0 1 W*2 2 CLR2 1 W*2 1 CLR1 1 W*2 Bit Initial value Read/Write DDC mode switch interrupt flag 0 No interrupt is requested when automatic format switching is executed [Clearing condition] When 0 is written in IF after reading IF = 1 1 An interrupt is requested when automatic format switching is executed [Setting condition] When a falling edge is detected on the SCL pin when SWE = 1 DDC mode switch interrupt enable bit 0 Interrupt when automatic format switching is executed is disabled 1 Interrupt when automatic format switching is executed is enabled DDC mode switch 0 IIC channel 0 is used with the I2C bus format [Clearing conditions] • When 0 is written by software • When a falling edge is detected on the SCL pin when SWE = 1 1 IIC channel 0 is used in formatless mode [Setting condition] When 1 is written in SW after reading SW = 0 DDC mode switch enable 0 Automatic switching of IIC channel 0 from formatless mode to I2C bus format is disabled 1 Automatic switching of IIC channel 0 from formatless mode to I2C bus format is enabled IIC clear bits Bit 3 CLR3 0 1 Description Setting prohibited Setting prohibited IIC0 internal latch cleared IIC1 internal latch cleared IIC0 and IIC1 internal latches cleared Invalid setting Bit 2 CLR2 0 1 — Bit 1 CLR1 — 0 1 — Bit 0 CLR0 — 0 1 0 1 — Notes: 1. Only 0 can be written, to clear the flag. 2. Always read as 1. |