| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 959 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 959 Page - Renesas Technology Corp |
|
959 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 931 of 1044 REJ09B0280-0300 MSTPCRH—Module Stop Control Register H H'FF86 System MSTPCRL—Module Stop Control Register L H'FF87 System 7 MSTP15 0 R/W Bit Initial value Read/Write 6 MSTP14 0 R/W 5 MSTP13 1 R/W 4 MSTP12 1 R/W 3 MSTP11 1 R/W 2 MSTP10 1 R/W 1 MSTP9 1 R/W 0 MSTP8 1 R/W 7 MSTP7 1 R/W 6 MSTP6 1 R/W 5 MSTP5 1 R/W 4 MSTP4 1 R/W 3 MSTP3 1 R/W 2 MSTP2 1 R/W 1 MSTP1 1 R/W 0 MSTP0 1 R/W MSTPCRH MSTPCRL Module stop 0 Module stop mode is cleared 1 Module stop mode is set MSTP15* MSTP14 MSTP13 MSTP12 MSTP11 MSTP10 MSTP9 MSTP8 MSTP7 MSTP6 MSTP5 MSTP4 MSTP3 MSTP2 MSTP1 MSTP0 — Data transfer controller (DTC) 16-bit free-running timer (FRT) 8-bit timers (TMR0, TMR1) 8-bit PWM timer (PWM), 14-bit PWM timer (PWMX) D/A converter A/D converter 8-bit timers (TMRX, TMRY), timer connection Serial communication interface 0 (SCI0) Serial communication interface 1 (SCI1) Serial communication interface 2 (SCI2) I2C bus interface (IIC) channel 0 I2C bus interface (IIC) channel 1 Host interface (HIF:XBS), keyboard matrix interrupt mask register (KMIMR), keyboard matrix interrupt mask register A (KMIMRA), port 6 MOS pull-up control register (KMPCR), keyboard buffer controller (PS2) — Host interface (HIF:LPC) MSTPCRH MSTPCRL Register Bit Module The correspondence between MSTPCR bits and on-chip supporting modules is shown below. Notes: Bits 1 and 0 can be read and written but do not affect operation. * Bit 15 must not be set to 1. |