| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 963 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 963 Page - Renesas Technology Corp |
|
963 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 935 of 1044 REJ09B0280-0300 ICSR1—I 2C Bus Status Register 1 H'FF89 IIC1 ICSR0—I 2C Bus Status Register 0 H'FFD9 IIC0 7 ESTP 0 R/(W)*1 6 STOP 0 R/(W)*1 5 IRTR 0 R/(W)*1 4 AASX 0 R/(W)*1 3 AL 0 R/(W)*1 0 ACKB 0 R/W 2 AAS 0 R/(W)*1 1 ADZ 0 R/(W)*1 Bit Initial value Read/Write Acknowledge bit 0 Receive mode: 0 is output at acknowledge output timing Transmit mode: indicates that the receiving device has acknowledged the data (signal is 0) 1 Receive mode: 1 is output at acknowledge output timing Transmit mode: indicates that the receiving device has not acknowledged the data (signal is 1) Notes: General call address recognition flag*2 0 General call address not recognized 1 General call address recognized Slave address recognition flag*2 0 Slave address or general call address not recognized 1 Slave address or general call address recognized Arbitration lost*2 0 Bus arbitration won 1 Arbitration lost Second slave address recognition flag*2 0 Second slave address not recognized 1 Second slave address recognized I2C bus interface continuous transmission/reception interrupt request flag*2 0 Waiting for transfer, or transfer in progress 1 Continuous transfer state Normal stop condition detection flag*2 0 No normal stop condition 1In I2C bus format slave mode: Normal stop condition detected In other modes: No meaning Error stop condition detection flag*2 0 No error stop condition 1In I2C bus format slave mode: Error stop condition detected In other modes: No meaning 1. Only 0 can be written, to clear the flag. 2. For the clearing and setting conditions, see section 16.2.6, I2C Bus Status Register (ICSR). |