| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 964 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 964 Page - Renesas Technology Corp |
|
964 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 936 of 1044 REJ09B0280-0300 SCR1—Serial Control Register 1 H'FF8A SCI1 SCR2—Serial Control Register 2 H'FFA2 SCI2 SCR0—Serial Control Register 0 H'FFDA SCI0 7 TIE 0 R/W 6 RIE 0 R/W 5 TE 0 R/W 4 RE 0 R/W 3 MPIE 0 R/W 0 CKE0 0 R/W 2 TEIE 0 R/W 1 CKE1 0 R/W Bit Initial value Read/Write Clock enable 1 and 0 0 Asynchronous mode Synchronous mode 0 Asynchronous mode 1 Synchronous mode 1 Asynchronous mode 0 Synchronous mode Asynchronous mode 1 Synchronous mode Internal clock/SCK pin functions as I/O port Internal clock/SCK pin functions as serial clock output Internal clock/SCK pin functions as clock output Internal clock/SCK pin functions as serial clock output External clock/SCK pin functions as clock input External clock/SCK pin functions as serial clock input External clock/SCK pin functions as clock input External clock/SCK pin functions as serial clock input Transmit end interrupt enable 0 Transmit-end interrupt (TEI) request disabled 1 Transmit-end interrupt (TEI) request enabled Multiprocessor interrupt enable 0 Multiprocessor interrupts disabled (normal reception mode) [Clearing conditions] • When the MPIE bit is cleared to 0 • When data with MPB = 1 is received 1 Multiprocessor interrupts enabled Receive interrupt (RXI) requests, receive-error interrupt (ERI) requests, and setting of the RDRF, FER, and ORER flags in SSR are disabled until data with the multiprocessor bit set to 1 is received Receive enable 0 Reception disabled 1 Reception enabled Transmit enable 0 Transmission disabled 1 Transmission enabled Receive interrupt enable 0 Receive-data-full interrupt (RXI) request and receive-error interrupt (ERI) request disabled 1 Receive-data-full interrupt (RXI) request and receive-error interrupt (ERI) request enabled Transmit interrupt enable 0 Transmit-data-empty interrupt (TXI) request disabled 1 Transmit-data-empty interrupt (TXI) request enabled |