| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 969 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 969 Page - Renesas Technology Corp |
|
969 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 941 of 1044 REJ09B0280-0300 SARX1—Second Slave Address Register 1 H'FF8E IIC1 SAR1—Slave Address Register 1 H'FF8F IIC1 SARX0—Second Slave Address Register 0 H'FFDE IIC0 SAR0—Slave Address Register 0 H'FFDF IIC0 7 SVA6 0 R/W 6 SVA5 0 R/W 5 SVA4 0 R/W 4 SVA3 0 R/W 3 SVA2 0 R/W 0 FS 0 R/W 2 SVA1 0 R/W 1 SVA0 0 R/W Bit Initial value Read/Write SAR SARX Slave address Format select Second slave address 7 SVAX6 0 R/W 6 SVAX5 0 R/W 5 SVAX4 0 R/W 4 SVAX3 0 R/W 3 SVAX2 0 R/W 0 FSX 1 R/W 2 SVAX1 0 R/W 1 SVAX0 0 R/W Bit Initial value Read/Write Note: * Format select DDCSWR Bit 6 SW SAR Bit 0 FS SARX Bit 0 FSX Operating Mode I2C bus format • SAR and SARX slave addresses recognized 0 00 I2C bus format • SAR slave address recognized • SARX slave address ignored I2C bus format • SAR slave address ignored • SARX slave address recognized Synchronous serial format • SAR and SARX slave addresses ignored Formatless mode (start/stop conditions not detected) • Acknowledge bit used Formatless mode* (start/stop conditions not detected) • No acknowledge bit 1 10 1 100 1 10 1 Do not set this mode when automatic switching to the I2C bus format is performed by means of the DDCSWR setting. |