| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 972 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 972 Page - Renesas Technology Corp |
|
972 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 944 of 1044 REJ09B0280-0300 TCSR—Timer Control/Status Register H'FF91 FRT 7 ICFA 0 R/(W)* 6 ICFB 0 R/(W)* 5 ICFC 0 R/(W)* 4 ICFD 0 R/(W)* 3 OCFA 0 R/(W)* 0 CCLRA 0 R/W 2 OCFB 0 R/(W)* 1 OVF 0 R/(W)* Bit Initial value Read/Write Input capture flag A Note: * Only 0 can be written in bits 7 to 1, to clear the flags. 0 [Clearing condition] Read ICFA when ICFA = 1, then write 0 in ICFA 1 [Setting condition] When an input capture signal causes the FRC value to be transferred to ICRA Input capture flag B 0 [Clearing condition] Read ICFB when ICFB = 1, then write 0 in ICFB 1 [Setting condition] When an input capture signal causes the FRC value to be transferred to ICRB Input capture flag C 0 [Clearing condition] Read ICFC when ICFC = 1, then write 0 in ICFC 1 [Setting condition] When an input capture signal is received Input capture flag D 0 [Clearing condition] Read ICFD when ICFD = 1, then write 0 in ICFD 1 [Setting condition] When an input capture signal is received Counter clear A 0 FRC clearing is disabled 1 FRC is cleared at compare match A Timer overflow flag 0 [Clearing condition] Read OVF when OVF = 1, then write 0 in OVF 1 [Setting condition] When FRC changes from H'FFFF to H'0000 Output compare flag B 0 [Clearing condition] Read OCFB when OCFB = 1, then write 0 in OCFB 1 [Setting condition] When FRC = OCRB Output compare flag A 0 [Clearing condition] Read OCFA when OCFA = 1, then write 0 in OCFA 1 [Setting condition] When FRC = OCRA |