| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 500 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 500 Page - Renesas Technology Corp |
|
500 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 448 of 1102 REJ09B0294-0100 (5) P23/PO3/TIOCC3/TIOCD3/ IRQ11-A The pin function is switched as shown below according to the combination of the TPU and PPG register settings and P23DDR bit setting. Setting TPU PPG I/O Port Module Name Pin Function TIOCD3_OE PO3_OE P23DDR TPU TIOCD3 output 1 — — PPG PO3 output 0 1 — P23 output 0 0 1 I/O port P23 input (initial setting) 0 0 0 (6) P22 /PO2/TIOCC3/TMO0/TxD0/ IRQ10-A The pin function is switched as shown below according to the combination of the TPU, TMR, SCI, and PPG register settings and P22DDR bit setting. Setting TPU TMR SCI PPG I/O Port Module Name Pin Function TIOCC3_OE TMO0_OE TxD0_OE PO2_OE P22DDR TPU TIOCC3 output 1 TMR TMO0 output 0 1 SCI TxD0 output 0 0 1 PPG PO2 output 0 0 0 1 P22 output 0 0 0 0 1 I/O port P22 input (initial setting) 0 0 0 0 0 |