| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 609 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 609 Page - Renesas Technology Corp |
|
609 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 557 of 1102 REJ09B0294-0100 (1) Example of Phase Counting Mode Setting Procedure Figure 10.24 shows an example of the phase counting mode setting procedure. Phase counting mode Select phase counting mode Start count <Phase counting mode> Select phase counting mode with bits MD3 to MD0 in TMDR. Set the CST bit in TSTR to 1 to start the count operation. [1] [2] [1] [2] Figure 10.24 Example of Phase Counting Mode Setting Procedure (2) Examples of Phase Counting Mode Operation In phase counting mode, TCNT counts up or down according to the phase difference between two external clocks. There are four modes, according to the count conditions. |