| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 610 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 610 Page - Renesas Technology Corp |
|
610 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 558 of 1102 REJ09B0294-0100 (a) Phase counting mode 1 Figure 10.25 shows an example of phase counting mode 1 operation, and table 10.33 summarizes the TCNT up/down-count conditions. TCNT value Time Down-count Up-count TCLKA (channels 1 and 5) TCLKC (channels 2 and 4) TCLKB (channels 1 and 5) TCLKD (channels 2 and 4) Figure 10.25 Example of Phase Counting Mode 1 Operation Table 10.33 Up/Down-Count Conditions in Phase Counting Mode 1 TCLKA (Channels 1 and 5) TCLKC (Channels 2 and 4) TCLKB (Channels 1 and 5) TCLKD (Channels 2 and 4) Operation High level Low level Low level High level Up-count High level Low level High level Low level Down-count [Legend] : Rising edge : Falling edge |