| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 906 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 906 Page - Renesas Technology Corp |
|
906 / 1158 page ![]() Section 18 A/D Converter Rev.1.00 Jun. 07, 2006 Page 854 of 1102 REJ09B0294-0100 Bit Bit Name Initial Value R/W Description 4 0 R Reserved This is a read-only bit and cannot be modified. 3 2 1 0 CH3 CH2 CH1 CH0 0 0 0 0 R/W R/W R/W R/W Channel Select 3 to 0 Selects analog input together with bits SCANE and SCANS in ADCR. • When SCANE = 0 and SCANS = X 0000: AN0 0001: AN1 0010: AN2 0011: AN3 0100: AN4 0101: AN5 0110: AN6 0111: AN7 1XXX: Setting prohibited • When SCANE = 1 and SCANS = 0 0000: AN0 0001: AN0 and AN1 0010: AN0 to AN2 0011: AN0 to AN3 0100: AN4 0101: AN4 and AN5 0110: AN4 to AN6 0111: AN4 to AN7 1XXX: Setting prohibited • When SCANE = 1 and SCANS = 1 0000: AN0 0001: AN0 and AN1 0010: AN0 to AN2 0011: AN0 to AN3 0100: AN0 to AN4 0101: AN0 to AN5 0110: AN0 to AN6 0111: AN0 to AN7 1XXX: Setting prohibited [Legend] X: Don't care Note: * Only 0 can be written to this bit, to clear the flag. |