| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 909 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 909 Page - Renesas Technology Corp |
|
909 / 1158 page ![]() Section 18 A/D Converter Rev.1.00 Jun. 07, 2006 Page 857 of 1102 REJ09B0294-0100 ADIE ADST ADF ADDRA ADDRB ADDRC ADDRD Channel 0 (AN0) operation state Channel 1 (AN1) operation state Channel 2 (AN2) operation state Channel 3 (AN3) operation state Set* Set* Set* A/D conversion start Clear* Clear* Waiting for conversion Waiting for conversion Waiting for conversion Waiting for conversion Waiting for conversion Reading A/D conversion result Reading A/D conversion result A/D conversion 1 A/D conversion 2 A/D conversion result 1 A/D conversion result 2 Waiting for conversion Note: * ↓ indicates the timing of instruction execution by software. Figure 18.2 Example of A/D Converter Operation (Single Mode, Channel 1 Selected) 18.4.2 Scan Mode In scan mode, A/D conversion is to be performed sequentially on the analog inputs of the specified channels up to four or eight channels. 1. When the ADST bit in ADCSR is set to 1 by software, TPU, TMR, or an external trigger input, A/D conversion starts on the first channel in the group. Consecutive A/D conversion on a maximum of four channels (SCANE and SCANS = B'10) or on a maximum of eight channels (SCANE and SCANS = B'11) can be selected. When consecutive A/D conversion is performed on four channels, A/D conversion starts on AN4 when CH3 and CH2 = B'01. When consecutive A/D conversion is performed on eight channels, A/D conversion starts on AN0 when CH3 = B'0. 2. When A/D conversion for each channel is completed, the A/D conversion result is sequentially transferred to the corresponding ADDR of each channel. |