| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 154 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 154 Page - Renesas Technology Corp |
|
154 / 1158 page ![]() Section 5 Interrupt Controller Rev.1.00 Jun. 07, 2006 Page 102 of 1102 REJ09B0294-0100 5.3.5 IRQ Sense Control Registers H and L (ISCRH, ISCRL) ISCRH and ISCRL select the source that generates an interrupt request from IRQ15, and IRQ11 to IRQ0 input. Upon changing the setting of ISCR, IRQnF (n = 0 to 11, and 15) in ISR is often set to 1 accidentally through an internal operation. In this case, an interrupt exception handling is executed if an IRQn interrupt request is enabled. In order to prevent such an accidental interrupt from occurring, the setting of ISCR should be changed while the IRQn interrupt is disabled, and then the IRQnF in ISR should be cleared to 0. • ISCRH Bit Bit Name Initial Value R/W Bit Bit Name Initial Value R/W 15 IRQ15SR 0 R/W 14 IRQ15SF 0 R/W 13 0 R/W 12 0 R/W 11 0 R/W 10 0 R/W 9 0 R/W 8 0 R/W 7 IRQ11SR 0 R/W 6 IRQ11SF 0 R/W 5 IRQ10SR 0 R/W 4 IRQ10SF 0 R/W 3 IRQ9SR 0 R/W 2 IRQ9SF 0 R/W 1 IRQ8SR 0 R/W 0 IRQ8SF 0 R/W • ISCRL Bit Bit Name Initial Value R/W Bit Bit Name Initial Value R/W 15 IRQ7SR 0 R/W 14 IRQ7SF 0 R/W 13 IRQ6SR 0 R/W 12 IRQ6SF 0 R/W 11 IRQ5SR 0 R/W 10 IRQ5SF 0 R/W 9 IRQ4SR 0 R/W 8 IRQ4SF 0 R/W 7 IRQ3SR 0 R/W 6 IRQ3SF 0 R/W 5 IRQ2SR 0 R/W 4 IRQ2SF 0 R/W 3 IRQ1SR 0 R/W 2 IRQ1SF 0 R/W 1 IRQ0SR 0 R/W 0 IRQ0SF 0 R/W |