| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 151 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 151 Page - Renesas Technology Corp |
|
151 / 1158 page ![]() Section 5 Interrupt Controller Rev.1.00 Jun. 07, 2006 Page 99 of 1102 REJ09B0294-0100 Bit Bit Name Initial Value R/W Description 15 0 R Reserved This is a read-only bit and cannot be modified. 14 13 12 IPR14 IPR13 IPR12 1 1 1 R/W R/W R/W Sets the priority level of the corresponding interrupt source. 000: Priority level 0 (lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (highest) 11 0 R Reserved This is a read-only bit and cannot be modified. 10 9 8 IPR10 IPR9 IPR8 1 1 1 R/W R/W R/W Sets the priority level of the corresponding interrupt source. 000: Priority level 0 (lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (highest) 7 0 R Reserved This is a read-only bit and cannot be modified. 6 5 4 IPR6 IPR5 IPR4 1 1 1 R/W R/W R/W Sets the priority level of the corresponding interrupt source. 000: Priority level 0 (lowest) 001: Priority level 1 010: Priority level 2 011: Priority level 3 100: Priority level 4 101: Priority level 5 110: Priority level 6 111: Priority level 7 (highest) |