| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 169 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 169 Page - Renesas Technology Corp |
|
169 / 1158 page ![]() Section 5 Interrupt Controller Rev.1.00 Jun. 07, 2006 Page 117 of 1102 REJ09B0294-0100 7. The CPU generates a vector address for the accepted interrupt and starts execution of the interrupt handling routine at the address indicated by the contents of the vector address in the vector table. Program execution state Interrupt generated? NMI IRQ0 IRQ1 TEI4 I = 0 Save PC and CCR I ← 1 Read vector address Branch to interrupt handling routine Yes No Yes Yes Yes No No No Yes Yes No Pending Figure 5.3 Flowchart of Procedure Up to Interrupt Acceptance in Interrupt Control Mode 0 |