| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 172 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 172 Page - Renesas Technology Corp |
|
172 / 1158 page ![]() Section 5 Interrupt Controller Rev.1.00 Jun. 07, 2006 Page 120 of 1102 REJ09B0294-0100 5.6.3 Interrupt Exception Handling Sequence Figure 5.5 shows the interrupt exception handling sequence. The example is for the case where interrupt control mode 0 is set in maximum mode, and the program area and stack area are in on- chip memory. Figure 5.5 Interrupt Exception Handling |