| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 259 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 259 Page - Renesas Technology Corp |
|
259 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 207 of 1102 REJ09B0294-0100 6.7.4 Basic Timing (1) 2-State Access Space Figure 6.25 shows the bus timing when the byte control SRAM space is specified as a 2-state access space. Data buses used for 16-bit access space is the same as those in basic bus interface. No wait cycles can be inserted. B φ Address D15 to D8 D7 to D0 High level D15 to D8 D7 to D0 Bus cycle CSn AS RD LUB LLB DACK BS RD/ WR RD RD/ WR T 1 T 2 Note: n = 0 to 7 Valid Valid Read Write Valid Valid Figure 6.25 16-Bit 2-State Access Space Bus Timing |