| データシートサーチシステム |
|
H8SX/1663 データシート(PDF) 260 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 データシート(HTML) 260 Page - Renesas Technology Corp |
|
260 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 208 of 1102 REJ09B0294-0100 (2) 3-State Access Space Figure 6.26 shows the bus timing when the byte control SRAM space is specified as a 3-state access space. Data buses used for 16-bit access space is the same as those in the basic bus interface. Wait cycles can be inserted. B φ Address High level Bus cycle CSn AS T 1 T 2 T 3 Valid Valid Valid Valid D15 to D8 D7 to D0 D15 to D8 D7 to D0 RD LUB LLB DACK BS RD/ WR RD RD/ WR Note: n = 0 to 7 Read Write Figure 6.26 16-Bit 3-State Access Space Bus Timing |