| データシートサーチシステム |
|
SH7708 データシート(PDF) 399 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 399 Page - Renesas Technology Corp |
|
399 / 633 page ![]() 381 RDRF = 1? FER = 1 or ORER = 1? RDRF = 1? All data received? No End reception Yes Set MPIE bit in SCSCR to 1 Read RDRF bit in SCSSR Clear RE bit in SCSCR to 0 No No (1) (2) Read ORER and FER bits in SCSSR FER = 1 or ORER = 1? Read RDRF bit in SCSSR Read receive data in SCRDR Is ID the station’s ID? Yes Read ORER and FER bits in SSCSR (4) No Error handling Yes Yes (3) Yes No Start reception No Yes Read receive data in SCRDR Note: Numbers in parentheses refer to the preceding procedure. Figure 13.12 Sample Flowchart for Receiving Multiprocessor Serial Data |