| データシートサーチシステム |
|
SH7708 データシート(PDF) 401 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 401 Page - Renesas Technology Corp |
|
401 / 633 page ![]() 383 Figures 13.13 (a) and (b) show examples of SCI receive operation using a multiprocessor format. RDRF MPIE RDR value ID1 RXI interrupt request (multiprocessor interrupt), MPIE = 0 RXI interrupt handler reads RDR data and clears RDRF bit to 0 ID is not station’s ID, so MPIE bit is set to 1 again No RXI interrupt, RDR state is maintained 01 1 1 10 1 Stop bit MPB Serial data Start bit Data (ID1) Data (data 1) Start bit MPB Stop bit Idle (mark) state D0 D1 D7 D0 D1 D7 0 Figure 13.13 (a) Example of SCI Receive Operation: Own ID Does Not Match Data (8-Bit Data with Multiprocessor Bit and One Stop Bit) RDRF MPIE RDR value ID1 ID2 Data2 01 1 1 10 1 MPB MPB Serial data Start bit Data (ID2) Data (Data 2) Stop bit Start bit Stop bit Idle (mark) state D0 D1 D7 D0 D1 D7 0 RXI interrupt request (multiprocessor interrupt), MPIE = 0 RXI interrupt handler reads RDR data and clears RDRF bit to 0 ID is that of station, so reception continues unchanged and data is received by the RXI interrupt handler MPIE bit set to 1 again Figure 13.13 (b) Example of SCI Receive Operation: Own ID Matches Data (8-Bit Data with Multiprocessor Bit and One Stop Bit) |