| データシートサーチシステム |
|
SH7708 データシート(PDF) 254 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 254 Page - Renesas Technology Corp |
|
254 / 633 page ![]() 236 Wait State Control: Wait state insertion on the basic interface can be controlled by the WCR2 settings. If the WCR2 wait specification bits corresponding to a particular area are not zero, a software wait is inserted in accordance with that specification. For details, see section 10.2.4, Wait Control Register 2 (WCR2). The specified number of Tw cycles is inserted as wait cycles using the basic interface wait timing shown in figure 10.10. T1 CKIO A25 to A0 CSn RD/ WR RD D31 to D0 WEn D31 to D0 BS Tw T2 Read Write Figure 10.10 Basic Interface Wait Timing (Software Wait Only) |