| データシートサーチシステム |
|
SH7708 データシート(PDF) 256 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 データシート(HTML) 256 Page - Renesas Technology Corp |
|
256 / 633 page ![]() 238 When the WAITSEL bit in the WCR1 register is set to 1, the WAIT signal is sampled at the fall of the clock. If the setup time and hold times with respect to the falling edge of the clock are not satisfied, the value sampled at the next falling edge is used. T1 CKIO A25 to A0 CSn RD/ WR RD D31 to D0 WEn D31 to D0 WAIT Tw Tw Tw T2 Read Write BS Wait states inserted by WAIT signal Figure 10.12 Basic Interface Wait State Timing (Wait State Insertion by WAIT Signal, WAITSEL = 1) |