データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASM2I9940L データシート(PDF) 3 Page - PulseCore Semiconductor

部品番号 ASM2I9940L
部品情報  Low Voltage 1:18 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSECORE [PulseCore Semiconductor]
ホームページ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I9940L データシート(HTML) 3 Page - PulseCore Semiconductor

  ASM2I9940L Datasheet HTML 1Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 2Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 3Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 4Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 5Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 6Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 7Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 8Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
April 2007
ASM2I9940L
rev 1.2
Low Voltage 1:18 Clock Distribution Chip
3 of 13
Notice: The information in this document is subject to change without notice.
Table 3. Pin Configuration
Pin #
Pin Name
I/O
Type
Function
5
6
PECL_CLK
PECL_CLK
Input
LVPECL
LVPECL Clock Inputs
3
LVCMOS_CLK
Input
LVCMOS
LVCMOS Clock Input
4
LVCMOS_CLK_Sel
Input
LVCMOS
Selects either LVPECL or
LVCMOS input as Clock Source
32,31,30,28,27,26,24,23,22,
20,19,18,15,14,13,11,10,9
Q0–Q17
Output
LVCMOS
Clock Outputs
2
GNDI
Supply
Core Negative Power Supply
1,12,17,25
GNDO
Supply
Output Negative Power Supply
7,21
VCCI
Supply
Core Positive Power Supply
8, 16,29
VCCO
Supply
Output Positive Power Supply
Table 4. Absolute Maximum Ratings
1
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
-0.3
3.6
V
VI
Input Voltage
-0.3
VCC + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
-40
125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note:1. These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com