データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASM2I9940L データシート(PDF) 7 Page - PulseCore Semiconductor

部品番号 ASM2I9940L
部品情報  Low Voltage 1:18 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSECORE [PulseCore Semiconductor]
ホームページ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I9940L データシート(HTML) 7 Page - PulseCore Semiconductor

Back Button ASM2I9940L Datasheet HTML 3Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 4Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 5Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 6Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 7Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 8Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 9Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 10Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
April 2007
ASM2I9940L
rev 1.2
Low Voltage 1:18 Clock Distribution Chip
7 of 13
Notice: The information in this document is subject to change without notice.
Figure 1. LVCMOS_CLK ASM2I9940L AC Test Reference for VCC = 3.3V and VCC = 2.5V
VTT
VTT
Figure 2. PECL_CLK ASM2I9940L AC Test Reference for VCC = 3.3V and VCC = 2.5V
VCC ÷2
GND
Figure 3. Propagation Delay (tPD) Test Reference
PECL_CLK
Q
VPP
VCMR
VCC
tPD
PECL_CLK
VCC ÷2
GND
VC
LVCMOS_CLK
Q
VC
tPD
VCC ÷2
GND
Figure 4. LVCMOS Propagation Delay (tPD) Test Reference
The time from the PLL controlled edge to the
non-controlled edge, divided by the time
between PLL controlled edges, expressed as a
percentage.
VCC
VCC ÷2
GND
DC (tP ÷T0 Χ 100%)
tP
T0
Figure 5. Output Duty Cycle (DC)
tSK(O)
VOH
VCC ÷2
GND
VCC
VCC ÷2
GND
The pin-to-pin skew is defined as the worst case
difference in propagation delay between any similar
delay path within a single device
Figure 6. Output–to–Output Skew tSK(O)
tR
VCC = 3.3V VCC = 2.5V
2.4
1.8V
0.55
0.6V
tF
Figure 7. Output Transition Time Test Reference
tR
VCC = 3.3V VCC = 2.5V
2.0
1.7V
0.8
0.7V
tF
Figure 8. Input Transition Time Test Reference
Pulse
Generator
Z=50
Z0=50
Z0=50
RT=50
RT=50
VTT
ASM2I9940L
Differential
Pulse Generator
Z=50
Z0=50
Z0=50
RT = 50
VTT
RT=50
ASM2I9940L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com