データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASM2I9940L データシート(PDF) 8 Page - PulseCore Semiconductor

部品番号 ASM2I9940L
部品情報  Low Voltage 1:18 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSECORE [PulseCore Semiconductor]
ホームページ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I9940L データシート(HTML) 8 Page - PulseCore Semiconductor

Back Button ASM2I9940L Datasheet HTML 4Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 5Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 6Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 7Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 8Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 9Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 10Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 11Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
April 2007
ASM2I9940L
rev 1.2
Low Voltage 1:18 Clock Distribution Chip
8 of 13
Notice: The information in this document is subject to change without notice.
Power Consumption of the ASM2I9940L and
Thermal Management
The ASM2I9940L AC specification is guaranteed for the
entire operating frequency range up to 250MHz. The
ASM2I9940L power consumption and the associated
long-term
reliability
may
decrease
the
maximum
frequency limit, depending on operating conditions such
as clock frequency, supply voltage, output loading,
ambient temperature, vertical convection and thermal
conductivity of package and board. This section
describes the impact of these parameters on the junction
temperature and gives a guideline to estimate the
ASM2I9940L die junction temperature and the associated
device reliability.
Table 11. Die junction temperature and MTBF
Junction temperature
(°C)
MTBF (Years)
100
20.4
110
9.1
120
4.2
130
2.0
Increased power consumption will increase the die
junction temperature and impact the device reliability
(MTBF). According to the system-defined tolerable
MTBF, the die junction temperature of the ASM2I9940L
needs to be controlled and the thermal impedance of the
board/package
should
be
optimized.
The
power
dissipated in the ASM2I9940L is represented in
equation 1.
Where ICCQ is the static current consumption of the
ASM2I9940L, CPD is the power dissipation capacitance
per output, (M)∑CL represents the external capacitive
output load, N is the number of active outputs (N is
always 12 in case of the ASM2I9940L). The ASM2I9940L
supports driving transmission lines to maintain high signal
integrity and tight timing parameters. Any transmission
line will hide the lumped capacitive load at the end of the
board trace, therefore, ∑CL is zero for controlled
transmission line systems and can be eliminated from
equation 1. Using parallel termination output termination
results in equation 2 for power dissipation.
In equation 2, P stands for the number of outputs with a
parallel or thevenin termination, VOL, IOL, VOH and IOH are
a function of the output termination technique and DCQ is
the clock signal duty cycle. If transmission lines are used
∑CL is zero in equation 2 and can be eliminated. In
general, the use of controlled transmission line
techniques eliminates the impact of the lumped capacitive
loads at the end lines and greatly reduces the power
dissipation of the device. Equation 3 describes the die
junction temperature TJ as a function of the power
consumption.
Where Rthja is the thermal impedance of the package
(junction to ambient) and TA is the ambient temperature.
According to Table 11, the junction temperature can be
used to estimate the long-term device reliability. Further,
combining equation 1 and equation 2 results in a
maximum operating frequency for the ASM2I9940L in a
series terminated transmission line system, equation 4.
()
()
[]
()
4
1
3
2
1
1
2
Equation
V
I
R
T
T
V
N
C
f
Equation
R
P
T
T
Equation
V
I
DC
V
V
I
DC
C
C
N
f
V
I
V
P
Equation
V
C
C
N
f
V
I
P
CC
CCQ
thja
A
JMAX
CC
PD
CLOCKMAX
thja
TOT
A
J
P
OL
OL
Q
OH
CC
OH
Q
M
L
PD
CLOCK
CC
CCQ
CC
TOT
CC
M
L
PD
CLOCK
CC
CCQ
TOT
=
+
=
+
+
+
+
=
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com